Part Number Hot Search : 
28F160 MA1000RU EZACT 226X010 RL257 20KP36A BYF50X BC857
Product Description
Full Text Search
 

To Download TAJB107M010RNJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  how to order technical data: all technical data relate to an ambient temperature of +25c capacitance range: 0.10 f to 2200 f capacitance tolerance: 10%; 20% rated voltage (v r ) +85c: 2.5 4 6.3 10 16 20 25 35 50 category voltage (v c ) +125c: 1.7 2.7 4 7 10 13 17 23 33 surge voltage (v s ) +85c: 3.3 5.2 8 13 20 26 32 46 65 surge voltage (v s ) +125c: 2.2 3.4 5 8 13 16 20 28 40 temperature range: -55c to +125c reliability: 1% per 1000 hours at 85c, v r with 0.1/v series impedance, 60% confidence level qualification: cecc 30801 - 005 issue 2 eia 535baac termination finished: sn plating (standard), gold and snpb plating upon request for aec-q200 availability, please contact avx taj series standard tantalum technical specifications case dimensions: millimeters (inches) code eia eia l0.20 w+0.20 (0.008) h+0.20 (0.008) w 1 0.20 a+0.30 (0.012) s min. code metric (0.008) -0.10 (0.004) -0.10 (0.004) (0.008) -0.20 (0.008) a 1206 3216-18 3.20 (0.126) 1.60 (0.063) 1.60 (0.063) 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) b 1210 3528-21 3.50 (0.138) 2.80 (0.110) 1.90 (0.075) 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) c 2312 6032-28 6.00 (0.236) 3.20 (0.126) 2.60 (0.102) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) d 2917 7343-31 7.30 (0.287) 4.30 (0.169) 2.90 (0.114) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) e 2917 7343-43 7.30 (0.287) 4.30 (0.169) 4.10 (0.162) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) u 2924 7361-43 7.30 (0.287) 6.10 (0.240) 4.10 (0.162) 3.10 (0.120) 1.30 (0.051) 4.40 (0.173) v 2924 7361-38 7.30 (0.287) 6.10 (0.240) 3.55 (0.140) 3.10 (0.120) 1.30 (0.051) 4.40 (0.173) w 1 dimension applies to the termination width for a dimensional area only. for part marking see page 151 taj type c case size see table above 106 capacitance code pf code: 1st two digits represent significant figures 3rd digit represents multiplier (number of zeros to follow) m tolerance k=10% m=20% 035 rated dc voltage 002=2.5vdc 004=4vdc 006=6.3vdc 010=10vdc 016=16vdc 020=20vdc 025=25vdc 035=35vdc 050=50vdc r packaging r = pure tin 7" reel s = pure tin 13" reel a = gold plating 7" reel b = gold plating 13" reel h = tin lead 7" reel (contact manufacturer) k = tin lead 13" reel (contact manufacturer) h, k = non rohs nj specification suffix nj = standard suffix additional characters may be added for special requirements v = dry pack option (selected codes only) ? general purpose smt chip tantalum series ? 7 case sizes available ? low profile options available ? cv range: 0.10-2200f / 2.5-50v 6  june 2013 lead-free compatible component snpb termination option is not rohs compliant.
taj series standard tantalum capacitance and rated voltage, vr (voltage code) range (letter denotes case size) capacitance rated voltage dc (v r ) to 85c f code 2.5v (e) 4v (g) 6.3v (j) 10v (a) 16v (c) 20v (d) 25v (e) 35v (v) 50v (t) 0.10 104 aa 0.15 154 aa/b 0.22 224 aa/b 0.33 334 aa/b 0.47 474 a a/b a/b/c 0.68 684 a a a/b a/b/c 1.0 105 a aaa/ba (m) /b/c 1.5 155 aa a a/b a/b/c b/c/d 2.2 225 aa a/b a/b a/b a/b/c b/c/d 3.3 335 aa a/b a/b a/b/ c b/c c/d 4.7 475 aa a/b a/b a/b/ c a/b/c b/c/d c/d 6.8 685 a a/b a/b a/b/c a/b/c b/c c/d c/d 10 106 a a/b a/b/c a/b/c a (m) * /b/c b/c/d c/d/e d/e/v 15 156 a/b a/b a/b/c a (m) /b/c b/c/ d c/d c/d d/e/v 22 226 a a/b/c a/b/c b/c/d b/c/d c/d d/e v 33 336 a a/ b a/b/c a/b/c/d b/c/d c/d d/e d/e/v 47 476 a a/ b a/b/c/d b/c/d c/d c/d/e d/e e/v 68 686 a a/b/ c b/c/d b/c/d c/d c (m) /d/e e/v v 100 107 a/b a/b/ c b/c/d b (m) /c/d/e c/d/e d/e/v e (m) /v 150 157 b b/c b (m) /c/d c/d/e d/e/v e/v v (m) 220 227 b/d b (m) /c/d c/d/e c/d/e e/v 330 337 d c/d/ e c/d/e d/e/v e (m) 470 477 c/d c/d/e d/e/v e/u/v 680 687 c/d/e d/e e/v 1000 108 d (m) /e d/e/v e (m) /v (m) 1500 158 d/e/v (m) e/v (m) 2200 228 v (m) not recommended for new designs, higher voltage or smaller case size substitution are offered. released codes (m tolerance only) engineering samples - please contact manufacturer *codes under development - subject to change note: voltage ratings are minimum values. avx reserves the right to supply higher ratings in the same case size, to the same r eliability standards. june 2013  7
taj series standard tantalum ratings & part number reference 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. moisture sensitivity level (msl) is defined according to j-std-020. for aec-q200 availability, please contact avx. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. for typical weight and composition see page 144. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. rated dcl df esr avx case cap voltage (a) % max. () msl part no. size (f) (v) max. max. @100khz 2.5 volt @ 85oc (1.7 volt @ 125oc) taja336*002#nj a 33 2.5 0.8 8 1.7 1 taja476*002#nj a 47 2.5 0.9 6 3 1 taja686*002#nj a 68 2.5 1.4 8 1.5 1 taja107*002#nj a 100 2.5 2.5 30 1.4 1 tajb107*002#nj b 100 2.5 2.5 8 1.4 1 tajb157*002#nj b 150 2.5 3 10 1.6 1 tajb227*002#nj b 220 2.5 4.4 16 1.6 1 tajd227*002#nj d 220 2.5 5.5 8 0.3 1 tajd337*002#nj d 330 2.5 8.2 8 0.3 1 tajc477*002#nj c 470 2.5 9.4 12 0.2 1 tajd477*002#nj d 470 2.5 11.6 8 0.2 1 tajc687*002#nj c 680 2.5 17.0 18 0.2 1 tajd687*002#nj d 680 2.5 17 16 0.2 1 taje687*002#nj e 680 2.5 17 10 0.2 1 1) tajd108 m 002#nj d 1000 2.5 25 20 0.2 1 taje108*002#nj e 1000 2.5 20 14 0.4 1 1) tajd158*002#nj d 1500 2.5 37.5 60 0.2 1 taje158*002#nj e 1500 2.5 37 20 0.2 1 1) tajv158 m 002#nj v 1500 2.5 30 20 0.2 1 1) tajv228 m 002#nj v 2200 2.5 55 50 0.2 1 1) 4 volt @ 85oc (2.7 volt @ 125oc) taja336*004#nj a 33 4 1.3 6 3 1 taja476*004#nj a 47 4 1.9 8 2.6 1 taja686*004#nj a 68 4 2.7 10 1.5 1 tajb686*004#nj b 68 4 2.7 6 1.8 1 taja107*004#nj a 100 4 4 30 1.4 1 tajb107*004#nj b 100 4 4 8 0.9 1 tajb157*004#nj b 150 4 6 10 1.5 1 tajc157*004#nj c 150 4 6 6 0.3 1 tajb227 m 004#nj b 220 4 8.8 12 1.1 1 tajc227*004#nj c 220 4 8.8 8 1.2 1 tajd227*004#nj d 220 4 8.8 8 0.9 1 tajc337*004#nj c 330 4 13.2 8 0.3 1 tajd337*004#nj d 330 4 13.2 8 0.9 1 tajc477*004#nj c 470 4 18.8 14 0.3 1 tajd477*004#nj d 470 4 18.8 12 0.9 1 taje477*004#nj e 470 4 18.8 10 0.5 1 1) tajd687*004#nj d 680 4 27.2 14 0.5 1 taje687*004#nj e 680 4 27.2 14 0.9 1 1) tajd108*004#nj d 1000 4 40 60 0.2 1 taje108*004#nj e 1000 4 40 14 0.4 1 1) tajv108*004#nj v 1000 4 40 16 0.2 1 1) taje158*004#nj e 1500 4 60 30 0.2 1 1) tajv158 m 004#nj v 1500 4 60 30 0.2 1 1) 6.3 volt @ 85oc (4 volt @ 125oc) taja106*006#nj a 10 6.3 0.6 6 4 1 taja156*006#nj a 15 6.3 0.9 6 3.5 1 taja226*006#nj a 22 6.3 1.4 6 3 1 taja336*006#nj a 33 6.3 2.1 8 2.2 1 taja476*006#nj a 47 6.3 2.8 10 1.6 1 tajb476*006#nj b 47 6.3 3 6 2 1 tajc476*006#nj c 47 6.3 3 6 1.6 1 tajb686*006#nj b 68 6.3 4 8 0.9 1 tajc686*006#nj c 68 6.3 4.3 6 1.5 1 tajb107*006#nj b 100 6.3 6.3 10 1.7 1 tajc107*006#nj c 100 6.3 6.3 6 0.9 1 tajb157 m 006#nj b 150 6.3 9.5 10 1.2 1 tajc157*006#nj c 150 6.3 9.5 6 1.3 1 rated dcl df esr avx case cap voltage (a) % max. () msl part no. size (f) (v) max. max. @100khz tajd157*006#nj d 150 6.3 9.5 6 0.9 1 tajc227*006#nj c 220 6.3 13.9 8 1.2 1 tajd227*006#nj d 220 6.3 13.9 8 0.4 1 taje227*006#nj e 220 6.3 13.9 8 0.4 1 1) tajc337*006#nj c 330 6.3 19.8 12 0.5 1 tajd337*006#nj d 330 6.3 20.8 8 0.4 1 taje337*006#nj e 330 6.3 20.8 8 0.4 1 1) tajd477*006#nj d 470 6.3 28 12 0.4 1 taje477*006#nj e 470 6.3 28 10 0.4 1 1) tajv477*006#nj v 470 6.3 28 10 0.4 1 1) taje687*006#nj e 680 6.3 42.8 10 0.5 1 1) tajv687*006#nj v 680 6.3 42.8 10 0.5 1 1) taje108 m 006#nj e 1000 6.3 60 20 0.2 1 1) tajv108 m 006#nj v 1000 6.3 60 16 0.2 1 1) 10 volt @ 85oc (7 volt @ 125oc) taja475*010#nj a 4.7 10 0.5 6 5 1 taja685*010#nj a 6.8 10 0.7 6 4 1 taja106*010#nj a 10 10 1 6 3 1 taja156*010#nj a 15 10 1.5 6 3.2 1 tajb156*010#nj b 15 10 1.5 6 2.8 1 taja226*010#nj a 22 10 2.2 8 3 1 tajb226*010#nj b 22 10 2.2 6 2.4 1 taja336*010#nj a 33 10 3.3 8 1.7 1 tajb336*010#nj b 33 10 3.3 6 1.8 1 tajc336*010#nj c 33 10 3.3 6 1.6 1 tajb476*010#nj b 47 10 4.7 8 1 1 tajc476*010#nj c 47 10 4.7 6 1.2 1 tajb686*010#nj b 68 10 6.8 6 1.4 1 tajc686*010#nj c 68 10 6.8 6 1.3 1 tajb107 m 010#nj b 100 10 10 8 1.4 1 tajc107*010#nj c 100 10 10 8 1.2 1 tajd107*010#nj d 100 10 10 6 0.9 1 tajc157*010#nj c 150 10 15 8 0.9 1 tajd157*010#nj d 150 10 15 8 0.9 1 taje157*010#nj e 150 10 15 8 0.9 1 1) tajc227*010#nj c 220 10 22 16 0.5 1 tajd227*010#nj d 220 10 22 8 0.5 1 taje227*010#nj e 220 10 22 8 0.5 1 1) tajd337*010#nj d 330 10 33 8 0.9 1 taje337*010#nj e 330 10 33 8 0.9 1 1) tajv337*010#nj v 330 10 33 10 0.9 1 1) taje477*010#nj e 470 10 47 10 0.5 1 1) taju477*010rnj u 470 10 47 12 0.5 1 1) tajv477*010#nj v 470 10 47 10 0.5 1 1) 16 volt @ 85oc (10 volt @ 125oc) taja225*016#nj a 2.2 16 0.5 6 6.5 1 taja335*016#nj a 3.3 16 0.5 6 5 1 tajb335*016#nj b 3.3 16 0.5 6 4.5 1 taja475*016#nj a 4.7 16 0.8 6 4 1 tajb475*016#nj b 4.7 16 0.8 6 3.5 1 taja685*016#nj a 6.8 16 1.1 6 3.5 1 tajb685*016#nj b 6.8 16 1.1 6 2.5 1 taja106*016#nj a 10 16 1.6 6 3 1 tajb106*016#nj b 10 16 1.6 6 2.8 1 tajc106*016#nj c 10 16 1.6 6 2 1 taja156 m 016#nj a 15 16 2.4 6 2 1 tajb156*016#nj b 15 16 2.4 6 2.5 1 tajc156*016#nj c 15 16 2.4 6 1.8 1 tajb226*016#nj b 22 16 3.5 6 2.3 1 tajc226*016#nj c 22 16 3.5 6 1 1 8  june 2013
taj series standard tantalum rated dcl df esr avx case cap voltage (a) % max. () msl part no. size (f) (v) max. max. @100khz tajd226*016#nj d 22 16 3.5 6 1.1 1 tajb336*016#nj b 33 16 5.3 8 2.1 1 tajc336*016#nj c 33 16 5.3 6 1.5 1 tajd336*016#nj d 33 16 5.3 6 0.9 1 tajc476*016#nj c 47 16 7.5 6 0.5 1 tajd476*016#nj d 47 16 7.5 6 0.9 1 tajc686*016#nj c 68 16 10.9 6 1.3 1 tajd686*016#nj d 68 16 10.9 6 0.9 1 tajc107*016#nj c 100 16 16 8 1 1 tajd107*016#nj d 100 16 16 6 0.6 1 taje107*016#nj e 100 16 16 6 0.9 1 1) tajd157*016#nj d 150 16 24 6 0.9 1 taje157*016#nj e 150 16 23 8 0.3 1 1) tajv157*016#nj v 150 16 24 8 0.5 1 1) taje227*016#nj e 220 16 35.2 10 0.5 1 1) tajv227*016#nj v 220 16 35.2 8 0.9 1 1) taje337 m 016#nj e 330 16 52.8 30 0.4 1 1) 20 volt @ 85oc (13 volt @ 125oc) taja105*020#nj a 1 20 0.5 4 9 1 taja155*020#nj a 1.5 20 0.5 6 6.5 1 taja225*020#nj a 2.2 20 0.5 6 5.3 1 tajb225*020#nj b 2.2 20 0.5 6 3.5 1 taja335*020#nj a 3.3 20 0.7 6 4.5 1 tajb335*020#nj b 3.3 20 0.7 6 3 1 taja475*020#nj a 4.7 20 0.9 6 4 1 tajb475*020#nj b 4.7 20 0.9 6 3 1 taja685*020#nj a 6.8 20 1.4 6 2.4 1 tajb685*020#nj b 6.8 20 1.4 6 2.5 1 tajc685*020#nj c 6.8 20 1.4 6 2 1 tajb106*020#nj b 10 20 2 6 2.1 1 tajc106*020#nj c 10 20 2 6 1.2 1 tajb156*020#nj b 15 20 3 6 2 1 tajc156*020#nj c 15 20 3 6 1.7 1 tajb226*020#nj b 22 20 4.4 6 1.8 1 tajc226*020#nj c 22 20 4.4 6 1.6 1 tajd226*020#nj d 22 20 4.4 6 0.9 1 tajc336*020#nj c 33 20 6.6 6 1.5 1 tajd336*020#nj d 33 20 6.6 6 0.9 1 tajc476*020#nj c 47 20 9.4 6 0.5 1 tajd476*020#nj d 47 20 9.4 6 0.9 1 taje476*020#nj e 47 20 9.4 6 0.9 1 1) tajc686 m 020#nj c 68 20 13.6 8 0.5 1 tajd686*020#nj d 68 20 13.6 6 0.4 1 taje686*020#nj e 68 20 13.6 6 0.9 1 1) tajd107*020#nj d 100 20 20 6 0.5 1 taje107*020#nj e 100 20 20 6 0.4 1 1) tajv107*020#nj v 100 20 20 8 0.9 1 1) taje157*020#nj e 150 20 30 8 0.3 1 1) tajv157*020#nj v 150 20 30 8 0.3 1 1) 25 volt @ 85oc (17 volt @ 125oc) taja474*025#nj a 0.47 25 0.5 4 14 1 taja684*025#nj a 0.68 25 0.5 4 10 1 taja105*025#nj a 1 25 0.5 4 8 1 taja155*025#nj a 1.5 25 0.5 6 7.5 1 tajb155*025#nj b 1.5 25 0.5 6 5 1 taja225*025#nj a 2.2 25 0.6 6 7 1 tajb225*025#nj b 2.2 25 0.6 6 4.5 1 taja335*025#nj a 3.3 25 0.8 6 3.7 1 ratings & part number reference rated dcl df esr avx case cap voltage (a) % max. () msl part no. size (f) (v) max. max. @100khz tajb335*025#nj b 3.3 25 0.8 6 3.5 1 taja475*025#nj a 4.7 25 1.2 6 3.1 1 tajb475*025#nj b 4.7 25 1.2 6 1.5 1 tajb685*025#nj b 6.8 25 1.7 6 2.8 1 tajc685*025#nj c 6.8 25 1.7 6 2 1 tajb106*025#nj b 10 25 2.5 6 2.5 1 tajc106*025#nj c 10 25 2.5 6 1.8 1 tajd106*025#nj d 10 25 2.5 6 1.2 1 tajc156*025#nj c 15 25 3.8 6 1.6 1 tajd156*025#nj d 15 25 3.8 6 1 1 tajc226*025#nj c 22 25 5.5 6 1.4 1 tajd226*025#nj d 22 25 5.5 6 0.9 1 tajd336*025#nj d 33 25 8.3 6 0.9 1 taje336*025#nj e 33 25 8.3 6 0.9 1 1) tajd476*025#nj d 47 25 11.8 6 0.9 1 taje476*025#nj e 47 25 11.8 6 0.9 1 1) taje686*025#nj e 68 25 17 6 0.9 1 1) tajv686*025#nj v 68 25 17 6 0.9 1 1) taje107 m 025#nj e 100 25 25 10 0.3 1 1) tajv107*025#nj v 100 25 25 8 0.4 1 1) tajv157 m 025#nj v 150 25 37.5 10 0.4 1 1) 35 volt @ 85oc (23 volt @ 125oc) taja104*035#nj a 0.1 35 0.5 4 24 1 taja154*035#nj a 0.15 35 0.5 4 21 1 taja224*035#nj a 0.22 35 0.5 4 18 1 taja334*035#nj a 0.33 35 0.5 4 15 1 taja474*035#nj a 0.47 35 0.5 4 12 1 tajb474*035#nj b 0.47 35 0.5 4 10 1 taja684*035#nj a 0.68 35 0.5 4 8 1 tajb684*035#nj b 0.68 35 0.5 4 8 1 taja105*035#nj a 1 35 0.5 4 7.5 1 tajb105*035#nj b 1 35 0.5 4 6.5 1 taja155*035#nj a 1.5 35 0.5 6 7.5 1 tajb155*035#nj b 1.5 35 0.5 6 5.2 1 tajc155*035#nj c 1.5 35 0.5 6 4.5 1 taja225*035#nj a 2.2 35 0.8 6 4.5 1 tajb225*035#nj b 2.2 35 0.8 6 4.2 1 tajc225*035#nj c 2.2 35 0.8 6 3.5 1 tajb335*035#nj b 3.3 35 1.2 6 3.5 1 tajc335*035#nj c 3.3 35 1.2 6 2.5 1 tajb475*035#nj b 4.7 35 1.6 6 3.1 1 tajc475*035#nj c 4.7 35 1.6 6 2.2 1 tajd475*035#nj d 4.7 35 1.6 6 1.5 1 tajc685*035#nj c 6.8 35 2.4 6 1.8 1 tajd685*035#nj d 6.8 35 2.4 6 1.3 1 tajc106*035#nj c 10 35 3.5 6 1.6 1 tajd106*035#nj d 10 35 3.5 6 1 1 taje106*035#nj e 10 35 3.5 6 0.9 1 1) tajc156*035#nj c 15 35 5.3 6 1.4 1 tajd156*035#nj d 15 35 5.3 6 0.9 1 tajd226*035#nj d 22 35 7.7 6 0.9 1 taje226*035#nj e 22 35 7.7 6 0.5 1 1) tajd336*035#nj d 33 35 11.6 6 0.9 1 taje336*035#nj e 33 35 11.6 6 0.9 1 1) tajv336*035#nj v 33 35 11.6 6 0.5 1 1) taje476*035#nj e 47 35 16.5 6 0.9 1 1) tajv476*035#nj v 47 35 16.5 6 0.4 1 1) tajv686*035#nj v 68 35 23.8 6 0.5 1 1) 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. moisture sensitivity level (msl) is defined according to j-std-020. for aec-q200 availability, please contact avx. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. for typical weight and composition see page 144. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. june 2013  9
taj series standard tantalum rated dcl df esr avx case cap voltage (a) % max. () msl part no. size (f) (v) max. max. @100khz 50 volt @ 85oc (33 volt @ 125oc) taja104*050#nj a 0.1 50 0.5 4 22 1 taja154*050#nj a 0.15 50 0.5 4 15 1 tajb154*050#nj b 0.15 50 0.5 4 17 1 taja224*050#nj a 0.22 50 0.5 4 18 1 tajb224*050#nj b 0.22 50 0.5 4 14 1 taja334*050#nj a 0.33 50 0.5 4 17 1 tajb334*050#nj b 0.33 50 0.5 4 12 1 taja474*050#nj a 0.47 50 0.5 4 9.5 1 tajb474*050#nj b 0.47 50 0.7 4 9.5 1 tajc474*050#nj c 0.47 50 0.5 4 8 1 taja684*050#nj a 0.68 50 0.5 4 7.9 1 tajb684*050#nj b 0.68 50 0.5 4 8 1 tajc684*050#nj c 0.68 50 0.5 4 7 1 taja105 m 050#nj a 1 50 0.5 4 6.6 1 tajb105*050#nj b 1 50 0.5 6 7 1 tajc105*050#nj c 1 50 0.5 4 5.5 1 tajb155*050#nj b 1.5 50 0.8 8 5.4 1 tajc155*050#nj c 1.5 50 0.8 6 4.5 1 tajd155*050#nj d 1.5 50 0.8 6 4 1 tajb225*050#nj b 2.2 50 1.1 8 4.5 1 tajc225*050#nj c 2.2 50 1.1 8 2.5 1 tajd225*050#nj d 2.2 50 1.1 6 2.5 1 tajc335*050#nj c 3.3 50 1.6 6 2.5 1 tajd335*050#nj d 3.3 50 1.7 6 2 1 tajc475*050#nj c 4.7 50 0.5 4 1.4 1 tajd475*050#nj d 4.7 50 2.4 6 1.4 1 tajc685*050#nj c 6.8 50 3.4 6 1 1 tajd685*050#nj d 6.8 50 3.4 6 1 1 tajd106*050#nj d 10 50 5 6 0.8 1 taje106*050#nj e 10 50 5 6 1 1 1) tajv106*050#nj v 10 50 5 6 0.65 1 1) tajd156*050#nj d 15 50 7.5 6 0.6 1 taje156*050#nj e 15 50 7.5 6 0.6 1 1) tajv156*050#nj v 15 50 7.5 6 0.6 1 1) tajv226*050#nj v 22 50 11 8 0.6 1 1) ratings & part number reference 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. for aec-q200 availability, please contact avx. moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. for typical weight and composition see page 144. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. 10  june 2013


▲Up To Search▲   

 
Price & Availability of TAJB107M010RNJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X